PART |
Description |
Maker |
ADA4096S |
Aerospace Dual, 30V, Micropower, Overvoltage Protection, Rail-to-Rail Input/Output, Operational Amplifier
|
Analog Devices
|
S310 |
SURFA CE MOUN T SCHOTTKY BARRIER RECTIFIER
|
Gaomi Xinghe Electronics Co., Ltd.
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
5962-9461003HYC 5962-9461003HYA 5962-9461003HZC 59 |
Low-Cost, 230MHz, Single/Quad Op Amps with Rail-to-Rail Outputs and ±15kV ESD Protection Single/Dual/Quad High-Side Current-Sense Amplifiers with Internal Gain Ultra-Small, Low-Cost, 210MHz, Single-Supply Op Amps with Rail-to-Rail Outputs and Disable x32 Flash EEPROM Module X32号,闪存EEPROM模块
|
Vishay Intertechnology, Inc.
|
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
PRTR5V0U2F09 PRTR5V0U2K PRTR5V0U2F/T4 |
Ultra low capacitance double rail-to-rail ESD protection UNIDIRECTIONAL, SILICON, TVS DIODE UNIDIRECTIONAL, SILICON, TVS DIODE, MO-252
|
NXP Semiconductors N.V.
|
MMBZ5234B MMBZ5243B MMBZ5223B MMBZ5228B MMBZ5245B |
410 mW Zener Diode 2.4 to 39 Volts 3-32V Quad Operational Amplifier, Ta= -25 to 85°C, Pb-free; Package: PDIP-14; No of Pins: 14; Container: Rail; Qty per Container: 500 2-36V Dual Comparator, Ta = -40 to 105°C; Package: 8 LEAD PDIP; No of Pins: 8; Container: Rail; Qty per Container: 50 ESD Protection Diode 2.5 V SOD-523 Unidirectional; Package: SOD-523 2 LEAD; No of Pins: 2; Container: Tape and Reel; Qty per Container: 3000 3.9 V, 0.35 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE 100mA, 5.0V Output, Low Dropout Voltage Regulator with 60V Load Dump Protection- Pb Free Device; Package: 3 LEAD D2PAK; No of Pins: 3; Container: Rail; Qty per Container: 50
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
MIC7211 MIC7211BM5 MIC7221BM5 MIC7221 |
40000 SYSTEM GATE 3.3 VOLT LOGIC CELL AR - NOT RECOMMENDED for NEW DESIGN IttyBitty Rail-to-Rail Input Comparator(IttyBitty技术满幅度输入比较 IttyBitty Rail-to-Rail Input Comparator Preliminary Information IttyBitty⑩ Rail-to-Rail Input Comparator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
HI-8597 |
3.3V Single-Rail ARINC 429 Differential Line Driver with Integrated DO-160G Level 3 Lightning Protection
|
Holt Integrated Circuits
|
CLC1020IST5X |
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
|
Exar Corporation
|